Part Number Hot Search : 
101004 RJK501 74LVCH YELLOW LCVM1 GM71CS1 28V18 4CBTLV3
Product Description
Full Text Search
 

To Download RF103L2S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF103L2S
Diodes
Fast recovery Diode
RF103L2S
!Applications High frequency rectification !External dimensions (Unit : mm)
!Features 1) Small power mold type (PMDS) 2) Ultra low VF 3) Very fast recovery 4) Low switching loss
1.50.2 CATHODE MARK
4.50.2
1.20.3
1
2
3
4
0.1 +0.02 -0.1
2.00.2 2.60.2
!Construction Silicon epitaxial planar
1 , 2 ***Type No.
3
, 4 ***Manufacturing date
EX. RF101L2S EX. 2003,09

6,6 3,9
!Absolute maximum ratings (Ta=25C)
Parameter Reverse voltage (repetitive peak) Reverse voltage (DC) Average rectified forward current
Symbol VRM VR IO IFSM Tj Tstg
Limits 200 200 1.0 20 150 -40 to +150
Unit V V A A C C
Forward Peak surge current (60Hz 1cyc.) Junction temperature Storage temperature
Mounting on glass epoxi board
!Electrical characteristics (Ta=25C)
Parameter Forward voltage Reverse current Symbol VF IR Typ. 0.860 1.2 Max. 0.920 10 Unit V A IF=1.0A VR=200V IF=0.5A Reverse recovery time trr 9 20 nS IR=1.0A Irr=0.25 IR Conditions
1/2
5.00.3
+
RF103L2S
Diodes
!Electrical characteristic curves (Ta=25C)
125C
AVERAGE RECTIFIED CURRENT : IO (A)
1
1000
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150
D=1/2 Sin(=180) DC
IO 0A 0V VR
t
FORWARD CURRENT : IF (mA)
REVERSE CURRENT : IR (A)
100
75C
T
0.1
D=t / T VR=200V Tj=150C
10
25C
125C
1
0.01
75C 25C -25C
0.1
-25C
0.001 0
0.2
0.4
0.6
0.8
1
0.01 0
50
100
150
200
FORWARD VOLTAGE : VF (V)
REVERSE VOLTAGE : VR (V)
AMBIENT TEMPERATURE : Ta (C)
Fig.1 Forward temperature characteristics
Fig.2 Reverse temperature characteristics
Fig.3 Derating curve
FORWARD POWER DISSIPATION : PF (W)
SURGE FORWARD CURRENT : IFSM (A)
sin wave
IFSM
1.2 1.0
D=1/2 DC
20
8.3ms 8.3ms 1cycle
0.8 0.6 0.4 0.2
15
Sin(=180)
CAPACITANCE BETWEEN TERMINALS : CT (pF)
1.4
25
100
10
10
5
0.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 AVERAGE RECTIFIED FORWARD CURRENT : IO (A)
0 1
10
CYCLE
100
0 0
5
10
15
20
25
30
REVERSE VOLTAGE : VR (V)
Fig. 4 Power dissipation characteristics
Fig.5 Powerd peak surge current
Fig. 6 Capacirance between terminals characteristics
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.0


▲Up To Search▲   

 
Price & Availability of RF103L2S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X